02 fox series - multi-purpose and water-proof solutions features specifications note: all specifications are subject to change without notice. 02-11 sunlight readable touch screen reseved for wireless antennas power lan/ audio line out (optional) com1 com2 usb day/ night mode display button on/off button water-proof connectors onboard intel? ultra low voltage celeron? m processor 8.4 svga color tft lcd water-proof sealing: ip-65 certified high brightness display-650 nits (optional) windows? xp embedded support day and night mode display ideal for vehicle application supports wireless lan with dual internal antennas (optional) water-proof i/o connector (ip-67 rating) ip-65, 8.4 multi-purpose & water-proof panel pc system processor intel? ulv celeron? m 1.0 ghz system memory ddr sodimm x 1, max. 1 gb lcd/crt controller intel? 852gm ethernet 10/100base-tx, rj-45 x 1 (optional) i/o port rs-232 x 1, rs-232/422/485 x 1 usb2.0 x 2 line out x 1 (optional) 10/100 base-tx, rj-45 x 1 (optional) storage disk compactflash? drive (internal slot) expansion slot mini pci slot x 1 (internal) os support windows? xp embedded mechanical construction sealed aluminum alloy chassis color silver gray mounting vesa 75mm dimension 10.5 x 7.6 x 2.4 (266mm x 192mm x 59.8mm) gross weight 8.8 lb (4 kg) net weight 6.6 lb (3 kg) environmental operating temperature -4 f ~ 122 f (-20 c ~ 50 c ) storage temperature -22 f ~ 158 f (-30 c ~ 70 c ) storage humidity 10 to 90%@ 40 0 c, non-condensing vibration 3g random operation, 5~500hz shock 30g peak acceleration (11 msec. duration) / operation safety all sides of ip-65 certified emc ce/fcc class a power supply dc-dc input, 90w input range: 9v ~ 30v dc lcd display type 8.4" tft-lcd max. resolution 800 x 600 max. color 262k colors dot size 0.213 x 0.213 luminance (typical) 450 nits view angle 150(h)/150(v) back light mtbf (hours) 50,000 touchscreen type 4- wire, low reflection analog resistive (fox-80stt) 4- wire, analog resistive (fox-80htt) resolution 2048 x 2048 light transmission > 76% (fox-80stt) > 80% (fox-80htt) lifetime 10 million activations (fox-80htt) 2 million activations (fox-80stt) fox-80
02-12 dimension unit: mm 2 66 1 92 2 50 2 40 1 58 1 78 75.00 75.00 1 3.5 39 u sb 0 / 1 c o m 1 c o m 2 l an p o w e r 25.00 30.00 5 9.82 76 fox-80 ordering information TF-FOX-80ST-A1 ? intel? ulv celeron? m 1.0 ghz operator panel with 8.4 lcd, 512 mb ram, 10/100base-tx ethernet, xpe on 2 gb compactflash? tf-fox- 80st-b1 ? intel? ulv celeron? m 1.0 ghz operator panel with 8.4 lcd, 512 mb ram, line out, xpe on 2 gb compactflash? tf-fox- 80htt-a1 ? intel? ulv celeron? m 1.0 ghz operator panel with 8.4 lcd, 512 mb ram, 10/100base-tx ethernet, touch screen, xpe on 2 gb compactflash? tf-fox- 80htt-b1 ? intel? ulv celeron? m 1.0 ghz operator panel with 8.4 lcd, 512 mb ram, line out, touch screen, xpe on 2 gb compactflash? tf-fox- 80stt-a1 ? intel? ulv celeron? m 1.0 ghz operator panel with 8.4 lcd, 512 mb ram, 10/100base-tx ethernet, low reflection touch screen, xpe on 2 gb compactflash? tf-fox- 80stt-b1 ? intel? ulv celeron? m 1.0 ghz operator panel with 8.4 lcd, 512 mb ram, line out, low reflection touch screen, xpe on 2 gb compactflash? optional accessories 9761f08000 ? wireless lan kits with internal antenna 968c204859 ? 2 gb wide temperature compactflash? drive 968c409654 ? 4 gb wide temperature compactflash? drive 968c819215 ? 8 gb wide temperature compactflash? drive 968c016g06 ? 16 gb wide temperature compactflash? drive 1757910004 ? ac apapter 1702031802 ? power cord (us type) for ac adapter 1702031803 ? power cord (european type) for ac adapter 170203180e ? power cord (japanese type) for ac adapter accessories in packing 1700090208 ? com (d-sub) cable with waterproof m12 connector (30cm) (fox series) 1709080251 ? two usb y cables with waterproof m12 connector (30cm) (fox series) m990fox001 ? 3-pin water-proof cap connector for dc-in or audio line-out port (fox series) p990fox001 ? water-proof cap connector for lan port of fox series (rj-45 compliance)
|